Part Number Hot Search : 
MAE13021 PIC18F2 L9227 80006 IR3088A 2SA1602A ULQ2819A 00800
Product Description
Full Text Search
 

To Download PCI-1721 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data acquisition boards features rohs compliant 2002/95/ec specifcations analog output channels 4 resolution 12 bits fifo size 1,024 samples output rate 10 mhz or static update reference clock internal: 10 mhz external clock frequency: 10 mhz max. external voltage range: 0.8 v max., 2 v min. output range (software programmable) internal reference unipolar 0 ~ 5 v, 0 ~ 10 v, bipolar 5 v, 10 v current loop 0 ~ 20 ma, 4 ~ 20 ma external reference 0 ~ +x v @ +x v (-10 x 10) -x ~ +x v @ +x v (-10 x 10) slew rate 10 v/s driving capability 10 ma output impedance 0.1 w max. operation modes single/continuous/waveform/synchronized output accuracy relative: 1 lsb differential non-linearity: 1 lsb (monotonic) digital input/output channels 16 (shared by input/output) compatibility 5 v/ttl input voltage logic 0: 0.8 v max. logic 1: 2.0 v min. output capability sink: 0.5 v @ 24 ma source: 2.0 v @ -15 ma ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? PCI-1721 10 mhz maximum digital update rate pci-bus mastering for data transfer auto calibration function four analog output channels with 1,024 samples fifo buffer a 12-bit dac is equipped for each of analog output channels real-time waveform output function with internal/external pacer synchronized output function flexible output types and range settings keeps the output settings and values after system hot reset 16-ch di/o and one 10 mhz 16-bit resolution counter boardid? switch ? ? ? ? ? ? ? ? ? ? ? introduction PCI-1721 is an advanced high-speed analog output card for the pci bus, and each of analog output channels are equipped with a 12-bit, double-buffered dac. it features many powerful and unique functions, like a waveform output function with 10 mhz maximum update rate, auto-calibration and a boardid switch. PCI-1721 is an ideal solution for industrial applications where high-speed continuous analog output or real-time waveform output functions are required. 12-bit, 4-ch analog output pci card with 16-ch digital i/o counter/timer channels 1 resolution 16 bits compatibility 5 v/ttl max. input frequency 10 mhz reference clock internal: 10 mhz external clock frequency: 10 mhz max. external voltage range: 0.8 v max, 2.0 v min. general bus type pci v2.2 i/o connectors 1 x 68-pin scsi female connector dimensions 175 x 100 mm (6.9" x 3.9") power consumption typical: +5 v @ 850 ma, +12 v @ 600 ma max.: +5 v @ 1 a, +12 v @ 700 ma operating temperature 0 ~ 60 c (32 ~ 140 f) (refer to iec 68-2-1, 2) storage temperature -20 ~ 85 c (-4 ~ 185 f) storage humidity 5 ~ 95% rh, non-condensing (refer to iec 68-2-3) certifcations fcc, ce ordering information PCI-1721 12-bit, 4-ch advanced pci analog output card pcl-10168-1 68-pin scsi shielded cable, 1 m pcl-10168-2 68-pin scsi shielded cable, 2 m adam-3968 68-pin din-rail scsi wiring board ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?


▲Up To Search▲   

 
Price & Availability of PCI-1721

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X